Part Number Hot Search : 
M630Q 01110 102H60 102H60 IRFS4 G25PP BZX85 MPSA43
Product Description
Full Text Search
 

To Download BF987 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon N Channel MOSFET Triode
q q
BF 987
For high-frequency stages up to 300 MHz, preferably in FM applications High overload capability
Type BF 987
Marking -
Ordering Code Q62702-F35
Pin Configuration 1 2 3 D S G
Package1) TO-92
Maximum Ratings Parameter Drain-source voltage Drain current Gate-source peak current Total power dissipation, TA 45 C Storage temperature range Channel temperature Thermal Resistance Junction - ambient Rth JA
Symbol VDS ID
Values 20 30 10 300 150
Unit V mA mW
IGSM
Ptot Tstg Tch
- 55 ... + 150 C
350
K/W
1)
For detailed information see chapter Package Outlines.
BF 987
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC Characteristics Drain-source breakdown voltage ID = 10 A, - VGS = 4 V Gate-source breakdown voltage IGS = 10 mA, VDS = 0 Gate-source leakage current VGS = 5 V, VDS = 0 Drain current VDS = 10 V, VGS = 0 Gate-source pinch-off voltage VDS = 10 V, ID = 20 A AC Characteristics Forward transconductance VDS = 10 V, ID = 10 mA, f = 1 kHz Gate input capacitance VDS = 10 V, ID = 10 mA, f = 1 MHz Reverse transfer capacitance VDS = 10 V, ID = 10 mA, f = 1 MHz Output capacitance VDS = 10 V, ID = 10 mA, f = 1 MHz Power gain (test circuit) VDS = 10 V, ID = 10 mA , f = 200 MHz, GG = 2 mS, GL = 0.5 mS Noise figure (test circuit) VDS = 10 V, ID = 10 mA , f = 200 MHz, GG = 2 mS, GL = 0.5 mS gfs Cgss Cdg Cdss Gp 14 - - - - 16 2.7 35 1 25 - - - - - mS pF fF pF dB V(BR) DS

Values typ. max.
Unit
20 6.5 - 5 -
- - - - -
- 12 50 18 2.5
V
V(BR) GSS IGSS
nA mA V
IDSS - VGS (p)
F
-
1
-
BF 987
Total power dissipation Ptot = f (TA)
Output characteristics ID = f (VDS)
Gate transconductance gfs = f (VGS) VDS = 10 V, IDSS = 10 mA, f = 1 kHz
Drain current ID = f (VGS) VDS = 10 V
BF 987
Gate input capacitance Cgss = f (VGS) VDS = 10 V, IDSS = 10 mA, f = 1 MHz
Output capacitance Cdss = f (VDS) VGS = 0, IDSS = 10 mA, f = 1 MHz
Reverse transfer capacitance Cdg = f (VDS) IDSS = 10 mA, f = 1 MHz, VGS = 0
Gate input admittance y11s VDS = 10 V, IDSS = 10 mA, VG = 0 (common source)
BF 987
Gate forward transfer admittance y21s VDS = 10 V, VG = 0, IDSS = 10 mA (common source)
Output admittance y22s VDS = 10 V, IDSS = 10 mA, VG = 0 (common source)
Test circuit for power gain and noise figure f = 200 MHz


▲Up To Search▲   

 
Price & Availability of BF987

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X